Part Number Hot Search : 
B3874 A8041 AOTF8N50 1800A BT440 LC74793 32F10 MC10E
Product Description
Full Text Search
 

To Download HM5460R42VLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
HS Rompliant
Co
High Current Toroidal Inductors
* Operating Temperature Range * Temperature Rise, Maximum * Insulation System -40C to +155C 50C Class F, 155C
Specifications
Inductance 100 kHz, 0.1 V @ 0 Adc @ Isat H 10% H Typ.
0.42 0.42 0.41 0.41 0.51 0.51 0.60 0.60 0.86 0.86 0.86 0.86 0.38 0.38 0.35 0.35 0.42 0.42 0.50 0.50 0.61 0.61 0.71 0.71
Part Number
HM54-44R42VLF HM54-44R42HLF HM54-45R41VLF HM54-45R41HLF HM54-5BR51VLF HM54-5BR51HLF HM54-50R60VLF HM54-50R60HLF HM54-50R86VLF HM54-50R86HLF HM54-60R86VLF HM54-60R86HLF
Notes:
Heating (1) Isat (2) Current (Adc) (Adc)
32 32 33 33 32 32 31 31 27 27 35 35 32 32 33 33 42 42 32 32 27 27 41 41
DCR (3) m Max.
1.15 1.15 0.70 0.70 0.75 0.75 1.1 1.1 1.6 1.6 1.1 1.1
Dim. A (Inch/mm)
.099/2.5 .099/2.5 .099/2.5 .099/2.5 .126/3.2 .126/3.2 .114/2.9 .114/2.9 .099/2.5 .099/2.5 .126/3.2 .126/3.2
Dim. P (Inch/mm)
.284/7.2 .228/5.8 .335/8.5 .256/6.5 .386/9.8 .284/7.2 .370/9.4 .322/8.2 .370/9.4 .322/8.2 .386/9.8 .362/9.2
Fig.
1 2 1 2 1 2 1 2 1 2 1 2
(1) The heating current is the DC current which causes the component temperature to increase by approximately 50C. This current is determined by soldering the component on a typical application PCB, and then apply the current to the component for 30 minutes. (2) Isat is the saturation current at which inductance rolls off approximately 30% from its initial value. (3) DC resistance is measured at 25C.
Outline Dimensions (Inch/mm)
Figure 1 (Vertical Mount) Figure 2 (Horizontal Mount)
.142.020 3.60.5
P .020 0.5
Body Style
Vertical Mount
Horizontal Mount
Fig. 1 1 1 1 1
44 45 50 5B 60
L .570 14.48 .610 15.50 .640 16.25 .690 17.53 .760 19.30
W .260 6.61 .295 7.50 .300 7.61 .380 9.65 .360 9.14
Ht .510 12.95 .510 12.95 .570 14.48 .590 14.98 .680 17.27
Fig. 2 2 2 2 2
L .570 14.48 .610 15.50 .640 16.25 .690 17.53 .760 19.30
W .570 14.48 .610 15.50 .640 16.25 .690 17.53 .760 19.30
Ht .260 6.61 .295 7.50 .300 7.61 .380 9.65 .360 9.14
.142.020 3.60.5 P .020 0.5
Refer to Specifications table for `A' & `P' dimensions of each model.
28
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristics @ 25C
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
29
Packaging
Standard: Vacuum Tray Body Style
44 Figure 1 (Vertical Mount) Figure 2 (Horizontal Mount) 45 Figure 1 (Vertical Mount) Figure 2 (Horizontal Mount) 50 Figure 1 (Vertical Mount) Figure 2 (Horizontal Mount) 5B Figure 1 (Vertical Mount) Figure 2 (Horizontal Mount) 60 Figure 1 (Vertical Mount) Figure 2 (Horizontal Mount)
Capacity Per Tray (Units)
50 40 50 40 40 40 44 50 30 50
Capacity Per Carton (Units)
800 560 800 560 560 560 660 500 450 500
Ordering Information
Model Series Body Style
HM54
44
R42
V
LF
Lead-Free
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
Mounting Style V= Vertical Mounting H= Horizontal Mounting
30
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com


▲Up To Search▲   

 
Price & Availability of HM5460R42VLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X